Part Number Hot Search : 
MPX4115A P4KE15 SKRPAD V800B DR060 0200LT1 USB6B1RL BUW40A
Product Description
Full Text Search
 

To Download 7288R5KT2L25XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 7280 SERIES
7/8" Diameter 10-Turn Wirewound Precision Potentiometer
MODEL STYLES
2
7281 7283 7284 7286 7288 (for heavy side load applications) NEW PRODUCT
ELECTRICAL
1/8" Shaft, 1/4" Bushing 1/8" Shaft, Servo 6mm Shaft, 3/8" Bushing 1/4" Shaft, 3/8" Bushing 1/4" Shaft, 3/8" Bushing
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity Minimum Practical Independent Linearity Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Noise, Maximum Actual Electrical Travel Tap Tolerance End Voltage, Maximum
100 to 100K 5% 1% 0.25% 0.15%, < 300 Ohms 0.075%, 300 Ohms 2.0 at 70C derating to 0 at 125C 1,000V rms 1,000 Megohms 100 Ohms 3600 + 10 - 0, > 100 Ohms 3600 + 10 - 5, 100 Ohms 3 0.25% of input voltage
Specifications subject to change without notice.
2-97
Model 7280 Series
ENVIRONMENTAL (MIL-R-12934)
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Load Life Rotational Life Model 7288 (1 pound Side Load)
MECHANICAL
Static: -55C to +125C Dynamic: -40C to +125C 5 cycles, -55C to +125C (5% R) 100G's (0.1ms discontinuity max.) 15G's, 10 to 2,000 Hz (5% R, 0.1ms discontinuity max.) Five 24 hour cycles (3% R) 1,000 hours at 125C (5% R) 1 mil. shaft rev. + 900 hrs. at rated wattage at 70C (5% R) 1 mil. shaft rev. + 900 hrs. at rated wattage at 70C (5% R)
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal (single gang) Backlash, Maximum Static Stop Strength Panel Nut Tightening Torque, Maximum Shaft End Play, Maximum Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Start/Run Torque, Maximum (per gang)
STANDARD RESISTANCE VALUES, OHMS
7281, 7284, 7286 60 oz.-in. 25 lb.-in. .010" .003" .004" .005" .003" 0.8 oz.-in.
3600 + 15 - 0 2 0.75 oz. 1 7283 36 oz.-in. N/A .005" .002" .002" .004" .002" 0.6 oz.-in.
Total Resistance 100 200 500 1K 2K 5K 10K 20K 50K 100K
Theoretical Resolution (% Nominal) 0.059 0.037 0.030 0.024 0.020 0.018 0.017 0.016 0.010 0.008
Tempco of Wire 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C 20 ppm/C
2-98
Model 7280 Series
OUTLINE DIMENSIONS (Inch/mm) Dim. A 7281 .688 .031 17.475 0.787 +0.0000 .1248 -0.0003 B Mounting Surface .281 Dim. A C D 3.1699 +0.0000 -0.0076 +0.000 -0.002 7284 .812 .031 20.625 0.787 +0.0000 .2362 -0.0005 6.0000 .406 Dia. 10.312 +0.0000 -0.0127 +0.000 -0.002 +0.000 -0.051 7286 .812 .031 20.625 0.787 +0.0000 .2500 -0.0005 6.3500 .406 Dia. 10.312 +0.0000 -0.0127 +0.000 -0.002 +0.000 -0.051
Models 7281, 7284 and 7286 Bushing Mount with Sleeve Bearing
Dia.
Dia.
Dia.
2
Dia.
1.125.031 28.580.79 .750.016 19.10.41 Slider CCW CW
+0.000 7.137 -0.051
.125 Min. 3.18
1/4 - 32 UNEF Thread
3/8 - 32 UNEF Thread 75 Max.
3/8 - 32 UNEF Thread .625 R Max. 15.9
Dim. B Dim. C
.080.001 Dia. .062 +.000 2.030.03 -.010 +0.00 1.58 -0.25
Chamfer .016/0.41 Max. x 45 Dim. D .312.016 7.930.41
.875.016 Dia. 22.20.41
Slot: .032.005/0.8130.127 Wide X .032+.010-.000/0.813+0.254-0.000 Deep (Not on Rear Shaft Models)
OPTIONAL TERMINAL CONFIGURATION
40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Use Special Feature Code "FT" to order. Enlarged View B
2-99
Model 7280 Series
OUTLINE DIMENSIONS (Inch/mm)
Model 7283 Servo Mount with Ball Bearing
Mounting Surface .375.031 9.530.79 .781 Dia. Max. 19.8 +.0000 .1248 -.0003 Dia. +0.0000 3.1699 -0.0076 +.000 -.001 +0.000 Dia. 15.875 -0.025 .625 .057 Min. 1.45 .062.005 1.580.13 Chamfer .016/0.406 Max. x 45 .062.005 1.580.13
1.250.031 31.750.79 .875.016 22.20.41 .250 CCW 6.35 CW Min.
.625 R. Max. 15.9 105 Max.
Clamp Ears
Slider
.080.001 Dia. 2.030.03 .875.016 22.20.41 Housing Dia.
+.005 .875 -.010 +0.13 Dia. 22.2 -0.25
Clamp .922 Dia. Max. 23.4
OPTIONAL TERMINAL CONFIGURATION
105 MAX 40 VIEW B SLIDER .625 R MAX 15.9 R MAX
.110 2.794 .020 Thickness .060 .003 Dia. 1.524 .076 .062 .003 1.524 .076
Enlarged View B Use Special Feature Code "FT" to order.
METRIC CONVERSIONS
1 in. 1 oz.
25.4 mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-100
Model 7280 Series
SPECIAL FEATURES
Center Tap Linearity Tape Rear Shaft Extension (7283, 7286 single cup only) Flatted Shaft Slotted Shaft (Standard on single cup 7286 without RS) Shaft Lock (7281, 7286 only) High Torque, 2-6 oz.-in. (7286 only) Additional Gangs Gold Plated Solder Lug Terminals (See Optional Terminal Configuration)
ORDERING INFORMATION
CT LT RS FS SS SL HT 2G FT
2
7286 R 10K T2 L .25 XX Model Series Resistance Prefix Resistance Value Optional Special Feature Code Linearity Optional Non-Standard Tolerance
MATCHING TURNS COUNTING DIALS
7281: RBJ, 2601, 2641 7286: 2606, 2607, 2626, 2627, 2646, 2647, 2126, 2606S, 2607S, 2646S, 2647S, RB
CIRCUIT DIAGRAM
NOTES
(S) (CCW) (CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
INCH mm
2-101
Model 7280 Series


▲Up To Search▲   

 
Price & Availability of 7288R5KT2L25XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X